PART |
Description |
Maker |
DAC8420FSZ-REEL DAC8420FS-REEL DAC8420EPZ DAC8420F |
QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 ROHS COMPLIANT, MS-013AA, SOIC-16 Quad 12-Bit Serial Voltage Output DAC QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 Quad 12-Bit Serial Voltage Output DAC; Package: PDIP; No of Pins: 16; Temperature Range: TBD QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDIP16
|
Analog Devices, Inc.
|
AD5392BCP-5 AD5391BST-3-REEL AD5390BCP-3-REEL AD53 |
Quad 12-bit 125MSPS ADC with serialized LVDS output 64-VQFN -40 to 85 8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs SERIAL INPUT LOADING, 8 us SETTLING TIME, 14-BIT DAC, QCC64
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX547AEQH-D MAX5443BCUA MAX5444BCUBT MAX5361PEUKT |
Octal, 13-Bit Voltage-Output DAC with Parallel Interface PARALLEL, WORD INPUT LOADING, 5 us SETTLING TIME, 13-BIT DAC, PQCC44 3V/ 5V, Serial-Input, Voltage-Output, 16-Bit DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDSO8 3V/ 5V, Serial-Input, Voltage-Output, 16-Bit DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDSO10 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Serial, CMOS, Multiplying, 12-Bit DAC in 8-Pin Package SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO8
|
Maxim Integrated Products, Inc.
|
AD5765 AD5765BSUZ |
Complete Quad, 16-Bit, High Accuracy, Serial Input, 隆戮5V DACs Complete Quad, 16-Bit, High Accuracy, Serial Input, ±5V DACs
|
Analog Devices
|
LTC2704CGW-14TR LTC2704CGW-12TR LTC2704CGW-16 LTC2 |
Quad 12-Bit Voltage Output SoftSpan DAC with Readback; Package: SSOP; No of Pins: 44; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO44 Quad 12-Bit Voltage Output SoftSpan DAC with Readback; Package: SSOP; No of Pins: 44; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO44 Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PDSO44 Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO44 Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback QUAD, SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO44 Quad 12-Bit Voltage Output SoftSpan DAC with Readback; Package: SSOP; No of Pins: 44; Temperature Range: -40°C to 85°C QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PDSO44
|
Linear Technology, Corp.
|
S9408 S9408S S9408P |
Serial Input, Quad 8-Bit Nonvolatile DACPOT
|
SUMMIT[Summit Microelectronics, Inc.]
|
AD7564BRS AD7564AR-B AD7564AR-BREEL AD7564 |
LC2MOS 3.3 V/ 5 V/ Low Power/ Quad 12-Bit DAC LC2MOS 3.3 V/ 5 V, Low Power, Quad 12-Bit DAC QUAD, SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 12-BIT DAC, PDSO28 3.3 V/ 5 V, Low Power, Quad 12-Bit CMOS DAC
|
Analog Devices, Inc.
|
WM2627IDT WM2627 WM2627CDT |
Quad 8-Bit Serial Input Voltage Output DAC
|
WOLFSON[Wolfson Microelectronics plc]
|
EV-AD45SDZ EV-AD5544 EV-AD5544/45SDZ AD5554BRSZ AD |
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
|
Analog Devices
|
AD5544 AD5544ARS AD5554 AD5554BRS AD5544-04 |
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
|
Analog Devices
|
DAC8043AZ/883 |
12-Bit Serial Input Multiplying CMOS D/A Converter SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, CDIP8
|
Analog Devices, Inc.
|
|